Part Number Hot Search : 
SSM5819 0ACPZ 20C40C 10200 DMP200 SKY77605 ST21NFC 100R2
Product Description
Full Text Search
 

To Download MURF1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by a murf1620ct ito-220ab 50 / tube c0 rating at 25 ambient temperature unless otherwise specified. v rrm v v rms v v dc v i f(av) a t rr ns r jc o c/w t j o c t stg o c note 2: reverse recovery test condition:if=0.5a, ir=1.0a, irr=0.25a note 1: pulse lest: tp = 300us, duty cycle<1% version:h13 ordering information (example) part no. package packing packing code packing code (green) typical thermal resistance 3.0 2.0 operating temperature range -65 to + 150 storage temperature range -65 to + 150 maximum reverse current @ t a =25 @ t a =125 i r 5 250 10 500 ua maximum reverse recovery time (note 2) 25 50 maximum instantaneous forward voltage (note 1) @ i f =8 a, t a =25 @ i f =8 a, t a =125 v f 0.975 0.895 1.3 1.1 1.5 1.2 v maximum average forward rectified current 16 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 100 a maximum rms voltage 140 280 420 maximum dc blocking voltage 200 400 600 murf 1640ct murf 1660ct units maximum repetitive peak reverse voltage 200 400 600 ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? shipped 50 units per plastic tube ? weight:1.9 grams maximum ratings and el ectrical characteristics parameter symbol murf 1620ct c0g ? current derating @ both case and ambient temperatures ? green compound with suffix "g" on packing code & prefix "g" on datecode mechanical data ? case: epoxy, molded ? terminal: pure tin plated, lead free ? lead temperature for soldering purposes: 260 max. for 10 seconds ? 175 operating junction temperature ? popular ito-220ab package ? expoxy meets ul94, v0 @ 1/8" ? high temperature glass passivated junction ? high voltage capability to 600 volts ? low leakage specified @ 150 case temperature murf1620ct - MURF1660CT 16.0amps. isolated switchmode power rectifiers ito-220ab features ? ul recognized file # e-326243 ? ultrafast 35 and 60 nanasecond recovery times
version:h13 ratings and characteristic curves (murf1620ct thru MURF1660CT) 0 4 8 12 16 20 80 90 100 110 120 130 140 150 average forward current (a) case temperature ( o c) fig.1 maximum forward current derating curve dc square wave resistive or inductive load with heatsink 0 25 50 75 100 125 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current ta=25 10 100 1000 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance ta=25 f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current(a) instantaneous forward voltage (v) fig. 3 typical instantaneous forward characteristics ta=100 ta=25 0.01 0.1 1 10 100 20 40 60 80 100 120 instantaneous reverse current (ua) percent of rated peak reverse voltage.(%) fig. 4 typical reverse characteristics ta=100 ta=25
ito-220ab dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code c0g packing code c0 dim. unit(mm) unit(inch) marking diagram murf16xxct 50 / tube note: "xx" is device code from "20" thru "60". ordering information part no. package bulk packing packing code (green)


▲Up To Search▲   

 
Price & Availability of MURF1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X